Part Number Hot Search : 
LM317L PZM22N 105K1 MS5F5 78DL08 LC75710N 1H106 SB113
Product Description
Full Text Search
 

To Download KBPC1002PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE PASSIVATED
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 10.0 Amperes
FEATURES
* * * * Surge overload rating 200 amperes peak Low forward voltage drop Small size : simple installation Silver-plated copper leads
KBPC10005PT
THRU
KBPC1010PT
KBPC-10
.296(7.5) .255(6.5)
MECHANICAL DATA
Case: JEDEC KBPC-10 molded plastic Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting position: Any Mounting: Hole thru for # 6 screw Weight: 7.86 grams
.042(1.1) .039(1.0) TYP.
.750 DIA. (19.1)
MIN.
.770(19.6) .730(18.5) .520(13.2) .480(12.2)
AC
HOLE F OR NO. 6 S C R E W
.520(13.2) .480(12.2)
.770(19.6) .730(18.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
AC
Dimensions in inches and (millimeters)
KBPC-10
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward TC = 50oC Rectified Output Current TC = 100oC TA = 50oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range Storage Temperature Range IFSM TJ TSTG 200 -55 to +125 -55 to +150 Amps
o
SYMBOL VRRM VRMS VDC
KBPC1001PT
KBPC10005PT
KBPC1002PT
KBPC1004PT
KBPC1006PT
KBPC1008PT
KBPC1010PT
UNITS
50 35 50
100 70 100
200 140 200
400 280 400 10.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts
IO
6.0 6.0
Amps
C C
o
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 5.0 A DC Maximum Reverse Current at rated DC blocking Voltage per element @ TA = 25oC IR @ TA = 100oC 0.2 mAmps 2001-6 SYMBOL VF
KBPC1001PT KBPC10005PT KBPC1002PT KBPC1004PT KBPC1006PT KBPC1008PT KBPC1010PT
UNITS Volts uAmps
1.1 10
RATING CHARACTERISTIC CURVES ( KBPC10005PT THRU KBPC1010PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 12 10 8 6 4 2 0 0 25 50 75 100 125 150 175 TEMPERATURE, ( oC )
Single Half Wave 60HZ Resistive or Inductive Load
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 300 250 200 150 100 50 0
8.3 ms Single Half Sine-Wave (JEDEC Method)
CA
SE
AM
BI EN
T
0
2
4
6 8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS 40 INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100oC
10
1.0
1.0
TJ = 25oC
0.4
0.1
0.1
.04
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 1 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of KBPC1002PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X